PART |
Description |
Maker |
AV16601DGG AV16601DL 74ALVT16601 74ALVT16601DGG 74 |
Hex Schmitt-Trigger Inverters 14-SSOP -40 to 85 18位通用总线收发器,三 18-bit universal bus transceiver (3-State) 18-bit universal bus transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AV16601DGG |
18-bit universal bus transceiver 3-State ALVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
NXP Semiconductors N.V.
|
74VCX164245 74VCX164245GX 74VCX164245MTDX |
Single 8-bit Bus Transceiver Low Voltage 16-Bit Dual Supply Translating Transceiver
|
Fairchild
|
74F545 74F545SC 74F545PC 74F545SCX |
Single 8-bit Bus Transceiver F/FAST SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 From old datasheet system Octal Bidirectional Transceiver with 3-STATE Outputs Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16245 74ALVCH16245 74ALVC16245DGG 74ALVC1624 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5V/3.3V 16-bit bus transceiver with direction pin (3-State)(带定向引脚的2.5V/3.3V 16位总线收发器(三态)) 2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVCH322245A 74LVCH322245AEC |
32-bit bus transceiver with direction pin; 30 Ohm series termination resistors; 5 V tolerant; 3-state 32-bit bus transceiver with direction pin; 30 W series
|
NXP Semiconductors N.V.
|
74ABT16245 74ABT16245CMTD 74ABT16245CSSC 74ABT1624 |
16-Bit Transceiver with 3-STATE Outputs Dual 8-bit Bus Transceiver
|
Fairchild Semiconductor
|
N74F620N-B N74F623N-B N74F620D-T |
Single 8-bit Bus Transceiver Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
NXP Semiconductors N.V.
|
74LVC16245AEV 74LVCH16245AEV 74LVCH16245A VCH16245 |
14-Bit Asynchronous Binary Counters 16-SSOP -40 to 85 16-BIT BUS TRANSCEIVER WITH DIRECTION PIN; 5V TOLERANT 3-STATE 16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
|
Integrated Circuit Syst... PHILIPS[Philips Semiconductors] ICST[Integrated Circuit Systems]
|
IDT74ALVCH32501 |
3.3V CMOS 36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|